PART |
Description |
Maker |
1824700000 1825680000 1824800000 1824420000 182487 |
CONN TERM BLK 8PS 3.81MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 6POS 3.5MM STR PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 8POS 5MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 2POS 3.5MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 8PS 5.08MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 8POS 3.5MM STR PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 6POS 5MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLK 3PS 3.81MM R/A PCB 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
19221-0166 19221-0016 19221-0011 19221-0018 |
BATT. TERM. HD DC LUG GRY CC (192210166) COPPER ALLOY, TIN FINISH, WIRE TERMINAL BATT. TERM. HD DC LUG PRP CC (192210016) COPPER ALLOY, TIN FINISH, WIRE TERMINAL BATT. TERM. HD DC LUG BLK CC (192210011) COPPER ALLOY, TIN FINISH, WIRE TERMINAL BATT. TERM. HD DC LUG YLW CC (192210018) COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
LT1019MH-10 LT1019MH-2.5 LT1019MH-4.5 LT1019MH-5 L |
Hex Inverters With Open-Collector Outputs 14-PDIP 0 to 70 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, MBCY8 Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.5 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.5 V, MBCY8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, MBCY8 ER 6C 3#16 3#8 PIN RECP From old datasheet system Precision References
|
Linear Technology, Corp. 基准电压电流 Linear Technology Corporation LINER[Linear Technology] http://
|
1715080 1715721 1715048 |
TERM.BLOCK PCB 5.0MM 8WAY KLEMMBLOCK PRINT SCHRAUB 2POL 22A TERM.BLOCK PCB 5.0MM 4WAY TERM.BLOCK5.0MM 4
|
TE Connectivity, Ltd.
|
SMC33CA SMC33C SMC9.1CA SMC10 SMC10C SMC10CA SMC11 |
Heat Sink; Package/Case:TO-220; Thermal Resistance:32 C/W; Mounting Type:Through Hole; Length:19.05mm; Height:6.35mm; Width:13.21mm; Diameter:3.81mm HEATSINK TO-220 2.5W BLK W/PINS 表面贴装单向和双向瞬态电压抑制器 SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS 表面贴装单向和双向瞬态电压抑制器 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Lite-On Technology Corp... LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司 Lite-On Technology, Corp. LITE-ON SEMICONDUCTOR CORP ???绉???′唤??????
|
EL2160C-1 |
SWITCH, ON-OFF, BLK/BLK BTN; Switch function type:SPST Latching; Voltage, contact AC max:125V; Voltage, contact DC max:24V; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:13.6mm; Length / Height, RoHS Compliant: Yes
|
Elantec Semiconductor
|
LT1634 LT1634ACS8-1.25 LT1634ACS8-2.5 LT1634ACS8-4 |
Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PBCY3 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
1512T 4012T 4312T |
TERM.BLOCK NYLON 12WAY 6A TERM.BLOCK NYLON 12WAY 16A TERM.BLOCK尼龙12WAY 16A TERM.BLOCK NYLON 12WAY 10A TERM.BLOCK尼龙12WAY 10A
|
Glenair, Inc. Electronic Theatre Controls, Inc.
|
2-1437589-0 1-1437589-8 |
SIL SCHALTER HORIZONTAL 8FACH 22.81MM 南港SCHALTER水平8FACH 22.81MM SIL SCHALTER HORIZONTAL 4FACH 12.65MM
|
PRECI-DIP SA
|
15-82-0328 15-82-1655 |
CONN SOCKET SIMM 72POS R/A GOLD 72 CONTACT(S), FEMALE, RIGHT ANGLE SINGLE PART CARD EDGE CONN, SURFACE MOUNT, SOCKET
|
Molex, Inc. MOLEX INC
|
LM4041CIM3-1.2 LM4040DYM3-2.5TR LM4040CYM3-2.5 LM4 |
Precision Micropower Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 3 X 1.30 MM, LEAD FREE, SOT-23, 3 PIN 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 LEAD FREE, SOT-23, 3 PIN 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.233 V, PDSO3
|
http:// Micrel Semiconductor, Inc. MICREL INC
|
|